Part Number Hot Search : 
MUR840CT E36CA PCA4981B CXA1571M 984HU PS250 3388611 2SA985
Product Description
Full Text Search
 

To Download FR607G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
Low cost
GALAXY ELECTRICAL
FR601G - - - FR607G
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 6.0 A
GLASS PASSIVATED RECTIFIERS
R-6
Glass passivated junction. Low leakage Low forward voltage drop High current capability Easily cleaned with Freon,Alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case:JEDEC R--6,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight:0.072 ounces,2.04 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
FR 601G
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
FR 602G
100 70 100
FR 603G
200 140 200
FR 604G
400 280 400 6.0
FR 605G
600 420 600
FR 606G
800 560 800
FR 607G
1000 700 1000
UNITS
V V V A
V RRM V RMS VDC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
300.0
A
Maximum instantaneous forw ard voltage @ 6.0 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA =100
VF IR t rr CJ RJA TJ TSTG
150
1.3 10.0 200.0 250 150 12 - 55---- +150 - 55---- + 150 500
V A ns pF /W
Maximum reverse recovery time (Note1) Typical junction capacitance Typical thermal resistance (Note2) (Note3)
Operating junction temperature range Storage temperature range
NOTE:1. Measured with I F =0.5A, I R=1A, I rr=0.25A.
www.galaxycn.com
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 3. Thermal resistance f rom junction to ambient.
Document Number 0269021
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
50 N.1. 10 N.1.
trr
FR601G - - - FR607G
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+0.5A
D.U.T. (+) 50VDC (APPROX) (-) 1 N.1.
(-)
0
PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE 1)
(+)
-0.25A
-1.0A
1cm
NOTE S:1.RISETIM =7ns M INP IM E E AX. UT P DANCE =1M .22pF 2.RISETIM =10ns M SOURCEIM E E AX. P DANCE =5O
SE TIM BASEFOR 50/100 ns /cm TE
FIG.2 --FORWARD DERATING CURVE PEAK FORWARD SURGE CURRENT AMPERES
FIG.3 --PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD CURRENT AMPERES
8 7 6 5 4 3 2 1 0 0 25 50 75 10 0 12 5 15 0 17 5
Single Phase H alf W ave 60H Z R esistive or Inductive Load
500
400
300
TJ=125 8.3ms Single Half Sine-Wave
200
100
0
1
10
100
AMBIENT TEMPERATURE, FIG.4--TYPICAL FORWARD CHARACTERISTIC INSTANTANEOUS FORWARD CURRENT AMPERES
NUMBER OF CYCLES AT 60 Hz FIG.5--PEAK JUNCTION CAPACITANCE
100
TJ=25 Pulse Width=300S
JUNCTION CAPACITANCE,pF
10 4 2 1.0 0.4 0.2 0.1 0.06 0.04 0.02 0.01
200 160 140 120 110 100
40 20 10 .1 .2
TJ=25 f=1MHz
0.6 0.8
1.0 1.2
1.4
1.6
1.8
2.0
.4
1.0
2
4
10
20
40
100
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0269021
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of FR607G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X